PART |
Description |
Maker |
MAX875 MAX875ACPA MAX875ACSA MAX875AEPA MAX875AESA |
Octal Buffers/Drivers With 3-State Outputs 20-LCCC -55 to 125 CONNECTOR ACCESSORY TVS BIDIRECT 600W 17V SMB Low-Power / Low-Drift / 2.5V/ 5V/ 10V Precision Voltage References 8-Bit Identity/Magnitude Comparators (P=Q) with Enable 20-CFP -55 to 125 Low-Power, Low-Drift, 2.5V/ 5V/ 10V Precision Voltage References Low-Power Low-Drift 2.5V/ 5V/ 10V Precision Voltage References
|
MAXIM - Dallas Semiconductor Maxim Integrated Products, Inc. MAXIM[Maxim Integrated Products]
|
KIA78R30API KIA78R33API KIA78R35API KIA78R37API KI |
BIPOLAR LINEAR INTEGRATED CIRCUIT (4 TERMINAL LOW DROP VOLTAGE REGULATOR) 1A 4-Terminal Low Drop(ON/OFF Controllable)
|
KEC[KEC(Korea Electronics)] Korea Electronics (KEC)
|
TC56 TC562502ECT TC563002ECT TC563302ECT |
The TC56 is a low supply current (11 µA typ at VOUT =3V), low dropout CMOS linear regulator, with a 10V maximum input voltage range. CMOS construction eliminates wasted ground current typical of bipolar regulators for greater system e 150mA, 10V LDO with Shutdown
|
MICROCHIP[Microchip Technology]
|
LX8586-XX_8586A-XX LX8586-00 LX8586-00CP LX8586-00 |
CONNECTOR ACCESSORY From old datasheet system 6A LOW DROPOUT POSITIVE REGULATORS Low Drop Out Regulator - Positive Fixed Low Drop Out Regulator - Positive Adjustable
|
MICROSEMI[Microsemi Corporation]
|
LD2985AM50R LD2985AM40R LD2985BXX50 LD2985BXX47 LD |
VERY LOW DROP AND LOW NOISE VOLTAGE REGULATO WITH INHIBIT FUNCTION VERY LOW DROP AND LOW NOISE VOLTAGE REGULATOR LOW ESR CAP. COMPATIBLE, WITH INHIBIT FUNCTION
|
SGS Thomson Microelectronics ST Microelectronics STMICROELECTRONICS[STMicroelectronics] 意法半导 ??????浣?
|
KIA378R05 KIA378R05PI KIA378R06PI KIA378R08PI KIA3 |
BIPOLAR LINEAR INTEGRATED CIRCUIT (4 TERMINAL 3A OUTPUT LOW DROP VOLTAGE REGULATOR) 3A 4-Terminal Low Drop(ON/OFF Controllable) RES SM 100 OHM 1/16W 1% 0402 BIPOLAR LINEAR INTEGRATED CIRCUIT (4 TERMINAL 3A OUTPUT LOW DROP VOLTAGE REGULATOR) 双极线性集成电路(4码头3A输出低压差稳压器
|
Korea Electronics (KEC) KEC[KEC(Korea Electronics)] KEC Holdings
|
STPS60L40C STPS60L40CW |
Low Current Operation at 250 ,Low Reverse Leakage,Low Noise Zener Diode LOW DROP POWER SCHOTTKY RECTIFIER
|
STMicroelectronics
|
KIA278R05PI KIA278R06PI KIA278R08PI KIA278R09PI KI |
BIPOLAR LINEAR INTEGRATED CIRCUIT (4 TERMINAL 2A OUTPUT LOW DROP VOLTAGE REGULATOR) 双极线性集成电路(4码头A输出低压差稳压器 BIPOLAR LINEAR INTEGRATED CIRCUIT (4 TERMINAL 2A OUTPUT LOW DROP VOLTAGE REGULATOR) 双极线性集成电路(4码头2A输出低压差稳压器 2A 4-Terminal Low Drop(ON/OFF Controllable)
|
KEC Holdings KEC[KEC(Korea Electronics)] Korea Electronics (KEC)
|
MAX197 MAX197ACAI MAX197ACNI MAX197ACWI MAX197AEAI |
Multi-Range (±10V, ±5V, 10V, 5V), Single 5V, 12-Bit DAS with 8 4 Bus Interface Multi-Range (10V, 5V, 10V, 5V), Single 5V, 12-Bit DAS with 8 4 Bus Interface Multi-Range (【10V, 【5V, 10V, 5V), Single 5V, 12-Bit DAS with 8 4 Bus Interface Multi-Range (±10V, ±5V, 10V, 5V),
Single 5V, 12-Bit DAS with 8 4 Bus Interface DATA ACQ SYSTEM,8-CHANNEL,12-BIT,SSOP,28PIN,PLASTIC From old datasheet system Multi-Range (10V / 5V / 10V / 5V) / Single 5V / 12-Bit DAS with 8 4 Bus Interface Multi-Range (0V, V, 10V, 5V), Single 5V, 12-Bit DAS with 8 4 Bus Interface Multi-Range (0V, 5V, 10V, 5V), Single 5V, 12-Bit DAS with 8 4 Bus Interface
|
MAXIM - Dallas Semiconductor Maxim Integrated Products Inc MAXIM[Maxim Integrated Products] Maxim Integrated Products, Inc.
|
LT1993IUD-10 LT1993CUD-10 LT1993-10 |
700MHz Low Distortion, Low Noise Differential Amplifi er/ADC Driver (AV = 10V/V)
|
Linear Technology
|
LD2982AM27R LD2982AM18R LD2982AXX LD2982AXX18 LD29 |
Very low drop and low noise voltage regulator with inhibit function, low ESR capacitors compatible
|
STMicroelectronics
|
LD3986J285R LD3986XX285 |
DUAL ULTRA LOW DROP-LOW NOISE BICMOS VOLTAGE REG. FOR USE WITH VERY LOW ESR OUT. CAPACITORS
|
ST Microelectronics
|